Part Number Hot Search : 
TDA9116 AN133 LT1005MK ELM331P VCH16 DDTA114 50B12 NJG155
Product Description
Full Text Search
 

To Download PH2925U Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 PH2925U
N-channel TrenchMOS ultra low level FET
Rev. 04 -- 24 February 2009 Product data sheet
1. Product profile
1.1 General description
Ultra low level N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using TrenchMOS technology. This product is designed and qualified for use in computing, communications, consumer and industrial applications only.
1.2 Features and benefits
Higher operating power due to low thermal resistance Interfaces directly with low voltage gate drivers Low conduction losses due to low on-state resistance
1.3 Applications
DC-to-DC convertors Notebook computers Portable equipment Switched-mode power supplies
1.4 Quick reference data
Table 1. VDS ID Ptot Quick reference Conditions Tmb = 25 C; VGS = 4.5 V; see Figure 1; see Figure 3 Tmb = 25 C; see Figure 2 Min Typ Max 25 100 62.5 Unit V A W drain-source voltage Tj 25 C; Tj 150 C drain current total power dissipation gate-drain charge Symbol Parameter
Dynamic characteristics QGD VGS = 4.5 V; ID = 50 A; VDS = 10 V; Tj = 25 C; see Figure 10; see Figure 11 VGS = 4.5 V; ID = 25 A; Tj = 25 C; see Figure 8; see Figure 9 20.2 nC
Static characteristics RDSon drain-source on-state resistance 2.3 3 m
NXP Semiconductors
PH2925U
N-channel TrenchMOS ultra low level FET
2. Pinning information
Table 2. Pin 1 2 3 4 mb S S S G D Pinning information Symbol Description source source source gate mounting base; connected to drain
mbb076
Simplified outline
mb
Graphic symbol
D
G S
1234
SOT669 (LFPAK)
3. Ordering information
Table 3. Ordering information Type number Package Name Description PH2925U LFPAK plastic single-ended surface-mounted package (LFPAK); 4 leads
Version SOT669
4. Limiting values
Table 4. Symbol VDS VDGR VGS ID Limiting values Parameter drain-source voltage drain-gate voltage gate-source voltage drain current VGS = 4.5 V; Tmb = 100 C; see Figure 1 VGS = 4.5 V; Tmb = 25 C; see Figure 1; see Figure 3 IDM Ptot Tstg Tj IS ISM EDS(AL)S peak drain current total power dissipation storage temperature junction temperature source current peak source current Tmb = 25 C tp 10 s; pulsed; Tmb = 25 C tp 10 s; pulsed; Tmb = 25 C; see Figure 3 Tmb = 25 C; see Figure 2 Conditions Tj 25 C; Tj 150 C Tj 150 C; Tj 25 C; RGS = 20 k Min -10 -55 -55 Max 25 25 10 70 100 300 62.5 150 150 52 150 250 Unit V V V A A A W C C A A mJ
In accordance with the Absolute Maximum Rating System (IEC 60134).
Source-drain diode
Avalanche ruggedness non-repetitive VGS = 10 V; Tj(init) = 25 C; ID = 70.7 A; Vsup 25 V; drain-source avalanche unclamped; tp = 0.22 ms; RGS = 50 energy
PH2925U_4
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 -- 24 February 2009
2 of 12
NXP Semiconductors
PH2925U
N-channel TrenchMOS ultra low level FET
120 Ider (%) 80
003aaa631
120 Pder (%) 80
03aa15
40
40
0 0 50 100 150 Tmb (C) 200
0 0 50 100 150 Tmb (C) 200
Fig 1.
Normalized continuous drain current as a function of mounting base temperature
Fig 2.
Normalized total power dissipation as a function of mounting base temperature
003aaa438
103 ID (A) 102
Limit RDSon = VDS/ ID
tp = 10 s 100 s 1 ms 10 ms DC 100 ms
10
1
10-1 10-1
1
10
VDS (V)
102
Fig 3.
Safe operating area; continuous and peak drain currents as a function of drain-source voltage
PH2925U_4
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 -- 24 February 2009
3 of 12
NXP Semiconductors
PH2925U
N-channel TrenchMOS ultra low level FET
5. Thermal characteristics
Table 5. Symbol Rth(j-mb) Thermal characteristics Parameter Conditions Min Typ Max 2 Unit K/W thermal resistance from see Figure 4 junction to mounting base
10 Zth(j-mb) (K/W)
003aaa439
1 = 0.5 0.2 0.1 0.05 0.02 10-1 10-4
tp t T P = tp T
single pulse 10-3 10-2 10-1
tp (s)
1
Fig 4.
Transient thermal impedance from junction to mounting base as a function of pulse duration
PH2925U_4
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 -- 24 February 2009
4 of 12
NXP Semiconductors
PH2925U
N-channel TrenchMOS ultra low level FET
6. Characteristics
Table 6. Symbol V(BR)DSS VGS(th) Characteristics Parameter drain-source breakdown voltage gate-source threshold voltage Conditions ID = 250 A; VGS = 0 V; Tj = -55 C ID = 250 A; VGS = 0 V; Tj = 25 C ID = 1 mA; VDS = VGS; Tj = -55 C; see Figure 6; see Figure 7 ID = 1 mA; VDS = VGS; Tj = 150 C; see Figure 6; see Figure 7 ID = 1 mA; VDS = VGS; Tj = 25 C; see Figure 7; see Figure 6 IDSS IGSS RDSon drain leakage current gate leakage current drain-source on-state resistance VDS = 25 V; VGS = 0 V; Tj = 150 C VDS = 25 V; VGS = 0 V; Tj = 25 C VGS = 10 V; VDS = 0 V; Tj = 25 C VGS = -10 V; VDS = 0 V; Tj = 25 C VGS = 4.5 V; ID = 25 A; Tj = 150 C; see Figure 8; see Figure 9 VGS = 2.5 V; ID = 25 A; Tj = 25 C VGS = 4.5 V; ID = 25 A; Tj = 25 C; see Figure 8; see Figure 9 RG internal gate resistance f = 1 MHz; Tj = 25 C (AC) total gate charge gate-source charge gate-drain charge gate-source plateau voltage input capacitance output capacitance reverse transfer capacitance turn-on delay time rise time turn-off delay time fall time source-drain voltage reverse recovery time IS = 25 A; VGS = 0 V; Tj = 25 C; see Figure 13 IS = 20 A; dIS/dt = -100 A/s; VGS = 0 V; VDS = 25 V VDS = 10 V; RL = 1 ; VGS = 4.5 V; RG(ext) = 4.7 ; Tj = 25 C ID = 50 A; VDS = 10 V; Tj = 25 C; see Figure 10; see Figure 11 VDS = 10 V; VGS = 0 V; f = 1 MHz; Tj = 25 C; see Figure 12 ID = 50 A; VDS = 10 V; VGS = 4.5 V; Tj = 25 C; see Figure 10; see Figure 11 Min 22.5 25 0.25 0.45 Typ 0.7 0.06 20 20 3.6 3.2 2.3 1.55 Max 1.2 0.95 500 1 100 100 4.8 4.2 3 Unit V V V V V A A nA nA m m m
Static characteristics
Dynamic characteristics QG(tot) QGS QGD VGS(pl) Ciss Coss Crss td(on) tr td(off) tf VSD trr 92 12 20.2 1.6 6150 1170 814 30 80 258 114 0.72 60 1.2 nC nC nC V pF pF pF ns ns ns ns V ns
Source-drain diode
PH2925U_4
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 -- 24 February 2009
5 of 12
NXP Semiconductors
PH2925U
N-channel TrenchMOS ultra low level FET
40 ID (A) 30
003aaa440
4.5 2 1.5 1.4
10-3 ID (A)
03aj64
1.3
10-4
20 1.2 10 1.1 VGS (V) = 1 0 0.2 0.4 0.6 0.8 VDS (V) 1
10-6 0 0.2 0.4 0.6 0.8 1 VGS (V) 10-5 min typ max
0
Fig 5.
Output characteristics: drain current as a function of drain-source voltage; typical values
1.2
03aj65
Fig 6.
Sub-threshold drain current as a function of gate-source voltage
20
003aaa442
VGS(th) (V) 0.9 max
RDSon (m) 15
VGS (V) = 1.2
1.3
0.6
typ
10
min 0.3
5
1.5 4.5
0 -60
0
0 60 120 Tj (C) 180
0
10
20
30
ID (A)
40
Fig 7.
Gate-source threshold voltage as a function of junction temperature
Fig 8.
Drain-source on-state resistance as a function of drain current; typical values
PH2925U_4
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 -- 24 February 2009
6 of 12
NXP Semiconductors
PH2925U
N-channel TrenchMOS ultra low level FET
2 a 1.5
03af18
5 VGS (V) 4
003aaa445
3
1
2
0.5
1
0 -60
0
60
120
Tj (C)
180
0 0 25 50 75 QG (nC) 100
Fig 9.
Normalized drain-source on-state resistance factor as a function of junction temperature
Fig 10. Gate-source voltage as a function of gate charge; typical values
105
VDS ID VGS(pl) VGS(th) VGS QGS1 QGS2 QGD QG(tot)
003aaa508
003aaa443
C (pF) 104 Ciss
103
Coss Crss
QGS
Fig 11. Gate charge waveform definitions
102 10-1
1
10
VDS (V)
102
Fig 12. Input, output and reverse transfer capacitances as a function of drain-source voltage; typical values
PH2925U_4
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 -- 24 February 2009
7 of 12
NXP Semiconductors
PH2925U
N-channel TrenchMOS ultra low level FET
40 IS (A) 30
003aaa444
20 150 C Tj = 25 C 10
0 0 0.2 0.4 0.6 0.8 VSD (V) 1
Fig 13. Source current as a function of source-drain voltage; typical values
PH2925U_4
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 -- 24 February 2009
8 of 12
NXP Semiconductors
PH2925U
N-channel TrenchMOS ultra low level FET
7. Package outline
Plastic single-ended surface-mounted package (LFPAK); 4 leads SOT669
E b2 L1
A c2
A2
C E1 b3
mounting base D1 H D
b4
L2
1
e
2
3
b
1/2
4
wM A c X
e
A A1 C
(A 3)
detail X L yC 0 2.5 scale 5 mm
DIMENSIONS (mm are the original dimensions) UNIT mm A A1 A2 A3 b b2 b3 2.2 2.0 b4 0.9 0.7 c c2 D (1) D1(1) E(1) E1(1) max 5.0 4.8 3.3 3.1 e 1.27 H 6.2 5.8 L 0.85 0.40 L1 1.3 0.8 L2 1.3 0.8 w 0.25 y 0.1 8 0
1.20 0.15 1.10 0.50 4.41 0.25 1.01 0.00 0.95 0.35 3.62
0.25 0.30 4.10 4.20 0.19 0.24 3.80
Note 1. Plastic or metal protrusions of 0.15 mm maximum per side are not included. OUTLINE VERSION SOT669 REFERENCES IEC JEDEC MO-235 JEITA EUROPEAN PROJECTION ISSUE DATE 04-10-13 06-03-16
Fig 14. Package outline SOT669 (LFPAK)
PH2925U_4 (c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 -- 24 February 2009
9 of 12
NXP Semiconductors
PH2925U
N-channel TrenchMOS ultra low level FET
8. Revision history
Table 7. Revision history Release date 20090224 Data sheet status Product data sheet Change notice Supersedes PH2925U_3 Document ID PH2925U_4 Modifications:
* *
The format of this data sheet has been redesigned to comply with the new identity guidelines of NXP Semiconductors. Legal texts have been adapted to the new company name where appropriate. Product data sheet Product data Product data PH2925U-02 PH2925U-01 -
PH2925U_3 PH2925U-02 (9397 750 13064) PH2925U-01 (9397 750 11407)
20051129 20040408 20030502
PH2925U_4
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 -- 24 February 2009
10 of 12
NXP Semiconductors
PH2925U
N-channel TrenchMOS ultra low level FET
9. Legal information
9.1 Data sheet status
Product status[3] Development Qualification Production Definition This document contains data from the objective specification for product development. This document contains data from the preliminary specification. This document contains the product specification.
Document status [1][2] Objective [short] data sheet Preliminary [short] data sheet Product [short] data sheet
[1] [2] [3]
Please consult the most recently issued document before initiating or completing a design. The term 'short data sheet' is explained in section "Definitions". The product status of device(s) described in this document may have changed since this document was published and may differ in case of multiple devices. The latest product status information is available on the Internet at URL http://www.nxp.com.
9.2
Definitions
Draft -- The document is a draft version only. The content is still under internal review and subject to formal approval, which may result in modifications or additions. NXP Semiconductors does not give any representations or warranties as to the accuracy or completeness of information included herein and shall have no liability for the consequences of use of such information. Short data sheet -- A short data sheet is an extract from a full data sheet with the same product type number(s) and title. A short data sheet is intended for quick reference only and should not be relied upon to contain detailed and full information. For detailed and full information see the relevant full data sheet, which is available on request via the local NXP Semiconductors sales office. In case of any inconsistency or conflict with the short data sheet, the full data sheet shall prevail.
Applications -- Applications that are described herein for any of these products are for illustrative purposes only. NXP Semiconductors makes no representation or warranty that such applications will be suitable for the specified use without further testing or modification. Quick reference data -- The Quick reference data is an extract of the product data given in the Limiting values and Characteristics sections of this document, and as such is not complete, exhaustive or legally binding. Limiting values -- Stress above one or more limiting values (as defined in the Absolute Maximum Ratings System of IEC 60134) may cause permanent damage to the device. Limiting values are stress ratings only and operation of the device at these or any other conditions above those given in the Characteristics sections of this document is not implied. Exposure to limiting values for extended periods may affect device reliability. Terms and conditions of sale -- NXP Semiconductors products are sold subject to the general terms and conditions of commercial sale, as published at http://www.nxp.com/profile/terms, including those pertaining to warranty, intellectual property rights infringement and limitation of liability, unless explicitly otherwise agreed to in writing by NXP Semiconductors. In case of any inconsistency or conflict between information in this document and such terms and conditions, the latter will prevail. No offer to sell or license -- Nothing in this document may be interpreted or construed as an offer to sell products that is open for acceptance or the grant, conveyance or implication of any license under any copyrights, patents or other industrial or intellectual property rights.
9.3
Disclaimers
General -- Information in this document is believed to be accurate and reliable. However, NXP Semiconductors does not give any representations or warranties, expressed or implied, as to the accuracy or completeness of such information and shall have no liability for the consequences of use of such information. Right to make changes -- NXP Semiconductors reserves the right to make changes to information published in this document, including without limitation specifications and product descriptions, at any time and without notice. This document supersedes and replaces all information supplied prior to the publication hereof. Suitability for use -- NXP Semiconductors products are not designed, authorized or warranted to be suitable for use in medical, military, aircraft, space or life support equipment, nor in applications where failure or malfunction of an NXP Semiconductors product can reasonably be expected to result in personal injury, death or severe property or environmental damage. NXP Semiconductors accepts no liability for inclusion and/or use of NXP Semiconductors products in such equipment or applications and therefore such inclusion and/or use is at the customer's own risk.
9.4
Trademarks
Notice: All referenced brands, product names, service names and trademarks are the property of their respective owners. TrenchMOS -- is a trademark of NXP B.V.
10. Contact information
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com
PH2925U_4
(c) NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 -- 24 February 2009
11 of 12
NXP Semiconductors
PH2925U
N-channel TrenchMOS ultra low level FET
11. Contents
1 1.1 1.2 1.3 1.4 2 3 4 5 6 7 8 9 9.1 9.2 9.3 9.4 10 Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . .1 General description . . . . . . . . . . . . . . . . . . . . . .1 Features and benefits . . . . . . . . . . . . . . . . . . . . .1 Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . .1 Quick reference data . . . . . . . . . . . . . . . . . . . . .1 Pinning information . . . . . . . . . . . . . . . . . . . . . . .2 Ordering information . . . . . . . . . . . . . . . . . . . . . .2 Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . .2 Thermal characteristics . . . . . . . . . . . . . . . . . . .4 Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . .5 Package outline . . . . . . . . . . . . . . . . . . . . . . . . . .9 Revision history . . . . . . . . . . . . . . . . . . . . . . . . .10 Legal information. . . . . . . . . . . . . . . . . . . . . . . . 11 Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 11 Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Trademarks. . . . . . . . . . . . . . . . . . . . . . . . . . . . 11 Contact information. . . . . . . . . . . . . . . . . . . . . . 11
Please be aware that important notices concerning this document and the product(s) described herein, have been included in section `Legal information'.
(c) NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com For sales office addresses, please send an email to: salesaddresses@nxp.com Date of release: 24 February 2009 Document identifier: PH2925U_4


▲Up To Search▲   

 
Price & Availability of PH2925U

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X